Part Number Hot Search : 
IR15XB06 SP25001 PA190 005XX GS3BB HC4046A 1N5932B LA42051
Product Description
Full Text Search
 

To Download MKBPC10005-MKBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKBPC10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35/50 Amperes MKBPC
.335(8.5) .295(7.5) .921(23.4) .882(22.4) 0.94 (2.4) diam .254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .673(17.1) .634(16.1)
FEATURES
Surge overload -240~500 Amperes peak Low forward voltage drop Mounting Position : Any Electrically isolated base -2000 Volts Solderable 0.25" FAST ON terminals Materials used carries U/L recognition
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
.732(18.6) .693(17.6)
.673(17.1) .634(16.1) 1.133(28.8) 1.114(28.3)
.583(14.8) .543(13.8)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20%
MKBPC 10005 MKBPC 1001 1501 2501 3501 5001 100 70 10 240 M KBPC 15 MKBPC 1002 1502 2502 3502 5002 200 140 15 300 MKBPC 1004 1504 2504 3504 5004 400 280 M KBPC 25 25 400 MKBPC 1006 1506 2506 3506 5006 600 420 M KBPC 35 MKBPC 1008 1508 2508 3508 5008 800 560 35 400 M KBPC 50 MKBPC 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current @TC=55 Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @TJ=25
VRRM VRMS I(AV)
50 35 M KBPC 10
IFSM
A
VF IR TJ TSTG
1.1 10 -55 to +125 -55 to +150
V A
NOTES:Also available on KBPC 10W/15W/25W/35W/50W series.
~ 332 ~
RATING AND CHARACTERISTIC CURVES MKBPC10/15/25/35/50A SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 50
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
500
MKBPC50
MKBPC50
400
MKBPC25/35
40
MKBPC35
300
MKBPC15
30
MKBPC25
200
20
MKBPC15 MKBPC10
100 0 1
MKBPC10
10 0
10 NUMBER OF CYCLETS AT 60Hz
100
5 0
100
150
CASE TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
MKBPC35/50
100
MKBPC15 MKBPC25 MKBPC10
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT , MICROAMPERES
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
1.0
1.0
TJ=25C
0.1
0.1
0.01 0.01 0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 333 ~


▲Up To Search▲   

 
Price & Availability of MKBPC10005-MKBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X